Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX259DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX259DG
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259DG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX259DG Datasheet HTML 1Page - ON Semiconductor MC74LVX259DG Datasheet HTML 2Page - ON Semiconductor MC74LVX259DG Datasheet HTML 3Page - ON Semiconductor MC74LVX259DG Datasheet HTML 4Page - ON Semiconductor MC74LVX259DG Datasheet HTML 5Page - ON Semiconductor MC74LVX259DG Datasheet HTML 6Page - ON Semiconductor MC74LVX259DG Datasheet HTML 7Page - ON Semiconductor MC74LVX259DG Datasheet HTML 8Page - ON Semiconductor MC74LVX259DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74LVX259
http://onsemi.com
5
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
3.6
0.75 VCC
0.7 VCC
0.7 VCC
0.75 VCC
0.7 VCC
0.7 VCC
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
3.6
0.25 VCC
0.3 VCC
0.3 VCC
0.25 VCC
0.3 VCC
0.3 VCC
V
VOH
High−Level Output
Voltage
IOH = −50 mA
2.0
1.9
2.0
1.9
V
Voltage
IOH = −50 mA
3.0
2.9
3.0
2.9
IOH = −4 mA
3.0
2.58
2.48
VOL
Low−Level Output
Voltage
IOL = 50 mA
2.0
0.0
0.1
0.1
V
Voltage
IOL = 50 mA
3.0
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 3.6
±0.1
±1.0
mA
ICC
Maximum Quiescent
Supply Current
(per package)
VIN = VCC or GND
3.6
1.0
1.0
2.0
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, Data to Output
(Figures 5 and 9)
VCC = 2.7 V
CL = 15pF
CL = 50pF
6.3
9.0
9.0
14.0
1.0
1.0
12.0
15.0
ns
(Figures 5 and 9)
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
5.6
8.0
8.0
12.0
1.0
1.0
11.0
14.0
tPLH,
tPHL
Maximum Propagation
Delay, Address Select
to Output
VCC = 2.7 V
CL = 15pF
CL = 50pF
6.3
9.0
9.0
14.0
1.0
1.0
12.0
15.0
ns
to Output
(Figures 6 and 9)
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
5.6
8.0
8.0
12.0
1.0
1.0
11.0
14.0
tPLH,
tPHL
Maximum Propagation
Delay, Enable to Output
(Figures 7 and 9)
VCC = 2.7 V
CL = 15pF
CL = 50pF
6.3
9.0
9.0
14.0
1.0
1.0
12.0
15.0
ns
(Figures 7 and 9)
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
5.6
8.0
9.0
12.0
1.0
1.0
11.0
14.0
tPHL
Maximum Propogation
Delay, Reset to Output
(Figures 7 and 9)
VCC = 2.7 V
CL = 15pF
CL = 50pF
6.3
9.0
9.0
14.0
1.0
1.0
12.0
15.0
ns
(Figures 7 and 9)
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
5.6
8.0
9.0
12.0
1.0
1.0
11.0
14.0
CIN
Maximum Input
Capacitance
6
10
10
pF
Typical @ 25
°C, VCC = 3.3 V
CPD
Power Dissipation Capacitance (Note 5)
30
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74LVX259DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259DG ONSEMI-MC74LVX259DG Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX259DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com