Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC00-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74HC00-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC00-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74HC00-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC00-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC00-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC00-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC00-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74HC00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-068,B
PIN CONFIGURATION
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LOGIC DIAGRAM (positive logic)
Y
A
B
FUNCTION TABLE (each inverter)
INPUT
OUTPUT
A
B
Y
H
L
X
H
X
L
L
H
H


Similar Part No. - U74HC00-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC00G-D14-T UTC-U74HC00G-D14-T Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00G-P14-R UTC-U74HC00G-P14-R Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00G-S14-R UTC-U74HC00G-S14-R Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00L-D14-T UTC-U74HC00L-D14-T Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00 UTC-U74HC00_15 Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - U74HC00-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com