Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX139 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX139
Description  Dual 2-to-4 Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX139 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX139 Datasheet HTML 1Page - ON Semiconductor MC74LVX139 Datasheet HTML 2Page - ON Semiconductor MC74LVX139 Datasheet HTML 3Page - ON Semiconductor MC74LVX139 Datasheet HTML 4Page - ON Semiconductor MC74LVX139 Datasheet HTML 5Page - ON Semiconductor MC74LVX139 Datasheet HTML 6Page - ON Semiconductor MC74LVX139 Datasheet HTML 7Page - ON Semiconductor MC74LVX139 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX139
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
3.6
0.75 VCC
0.7 VCC
0.7 VCC
0.75 VCC
0.7 VCC
0.7 VCC
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
3.6
0.25 VCC
0.3 VCC
0.3 VCC
0.25 VCC
0.3 VCC
0.3 VCC
V
VOH
High−Level Output
Voltage
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output
Voltage
IOL = 50 mA
IOH = 50 mA
IOH = 4 mA
2.0
3.0
3.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 3.6
±0.1
±1.0
mA
ICC
Maximum Quiescent
Supply Current
(per package)
VIN = VCC or GND
3.6
1.0
1.0
2.0
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, A to Y
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
8.5
11.0
15.0
16.5
1.0
1.0
17.8
18.0
ns
VCC = 3.3 V ± 0.3 V
CL = 15 pF
CL = 50 pF
6.0
8.5
10.0
13.0
1.0
1.0
12.0
15.0
tPLH,
tPHL
Maximum Propagation
Delay, E to Y
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
8.0
10.0
13.0
16.5
1.0
1.0
15.5
18.0
ns
VCC = 3.3 V ± 0.3 V
CL = 15 pF
CL = 50 pF
5.5
7.5
8.2
13.0
1.0
1.0
10.0
15.0
CIN
Maximum Input
Capacitance
4
10
10
pF
Typical @ 25
°C, VCC = 3.3 V
CPD
Power Dissipation Capacitance (Note 5)
26
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/2 (per decoder). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 6. Switching Waveform
50%
tPHL
tPLH
VCC
GND
Y
50% VCC
A
VCC
GND
tPHL
tPLH
Y
E
50% VCC
50%
Figure 7. Switching Waveform


Similar Part No. - MC74LVX139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
121Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
August, 2014 ??Rev. 4
MC74LVX139D ONSEMI-MC74LVX139D Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139D ONSEMI-MC74LVX139D Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139DR2 ONSEMI-MC74LVX139DR2 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
More results

Similar Description - MC74LVX139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com