Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK6406G-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # SK6406G-S08-T
Description  2-PHASE DC-FAN MOTOR PRE-DRIVER IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6406G-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  SK6406G-S08-T Datasheet HTML 1Page - Unisonic Technologies SK6406G-S08-T Datasheet HTML 2Page - Unisonic Technologies SK6406G-S08-T Datasheet HTML 3Page - Unisonic Technologies SK6406G-S08-T Datasheet HTML 4Page - Unisonic Technologies SK6406G-S08-T Datasheet HTML 5Page - Unisonic Technologies SK6406G-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SK6406/G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R109-026,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5V ~ 30V
V
Hall Input Common Mode Voltage Range
VHIC
1.0 ~ Vcc-0.5
V
Circuit Current
IOUT
80
mA
Power Dissipation
PD
700
mW
Operating Ambient Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, V
CC=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
CT=L
3.2
8.7
mA
Current Drain
ICC
In drive mode
CT=H
3.2
5
mA
Lockup Detection Capacitor Charge Current
ICT1
VCT= 1.1V
2
3.45
5.25
uA
Capacitor Discharge Current
ICT2
VCT= 1.1V
0.35
0.8
1.45
uA
Charge/Discharge Ratio
RCT
RCD=ICT1/ICT2
3
4.5
8
CT Charge Voltage
VCT1
2.2
2.6
3
V
CT Discharge Voltage
VCT2
0.4
0.6
0.8
V
Output High Level Voltage
VOL
IOUT= 10 mA
10
10.5
V
Hall Input Sensitivity
VHin
Zero peak value
(including offset and hysteresis)
3
15
mV
RD Output Pin Low Voltage
(SK6406)
VRDL
IRD=5mA
0.1
0.3
V
RD Current Capacity
(SK6406)
IRD
VRDL=2V
20
mA
FG Low Voltage
(SK6406G)
VFGL
IFG=5mA
0.1
0.3
V
FG Driver Capacity (SK6406G)
IFG
VFGL=2V
20
mA
FG Leakage Current (SK6406G)
IFGL
VFGL=15V
50
uA


Similar Part No. - SK6406G-S08-T

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SK6400 NJSEMI-SK6400 Datasheet
28Kb / 1P
   Unijunction Transistors
SK6401 NJSEMI-SK6401 Datasheet
28Kb / 1P
   Unijunction Transistors
SK6402 NJSEMI-SK6402 Datasheet
28Kb / 1P
   Unijunction Transistors
SK6409 NJSEMI-SK6409 Datasheet
28Kb / 1P
   Unijunction Transistors
More results

Similar Description - SK6406G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6406 UTC-F6406 Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com