Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC04ADTR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC04ADTR2
Description  Hex Inverter High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC04ADTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC04ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74HC04ADTR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 11
1
Publication Order Number:
MC74HC04A/D
MC74HC04A
Hex Inverter
High−Performance Silicon−Gate CMOS
The MC74HC04A is identical in pinout to the LS04 and the
MC14069. The device inputs are compatible with Standard CMOS
outputs; with pullup resistors, they are compatible with LSTTL
outputs.
The device consists of six three−stage inverters.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 36 FETs or 9 Equivalent Gates
Pb−Free Packages are Available
LOGIC DIAGRAM
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
Pinout: 14−Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
GND
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
WL or L = Wafer Lot
YY or Y = Year
WW or W = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC04AG
AWLYWW
1
14
HC
04
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HC04AN
AWLYYWWG
1
14
L
H
FUNCTION TABLE
Inputs
Outputs
A
H
L
Y
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - MC74HC04ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC04ADTR2 ONSEMI-MC74HC04ADTR2 Datasheet
125Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 8
MC74HC04ADTR2G ONSEMI-MC74HC04ADTR2G Datasheet
123Kb / 7P
   Hex Inverter
October, 2013 ??Rev. 14
More results

Similar Description - MC74HC04ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCU04A ONSEMI-MC74HCU04A_06 Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com