Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1118L-XX-AA3-C-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1118L-XX-AA3-C-T
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1118L-XX-AA3-C-T Datasheet(HTML) 6 Page - Unisonic Technologies

  LR1118L-XX-AA3-C-T Datasheet HTML 1Page - Unisonic Technologies LR1118L-XX-AA3-C-T Datasheet HTML 2Page - Unisonic Technologies LR1118L-XX-AA3-C-T Datasheet HTML 3Page - Unisonic Technologies LR1118L-XX-AA3-C-T Datasheet HTML 4Page - Unisonic Technologies LR1118L-XX-AA3-C-T Datasheet HTML 5Page - Unisonic Technologies LR1118L-XX-AA3-C-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LR1118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R102-029,A
TYPICAL CHARACTERISTICS
Reference Voltage vs. Temperature
Output Voltage vs. Temperautre
-75
Junction Temperature(℃)
Junction Temperature(℃)
-75
3.10
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
-50 -25 0 25 50 75 100125150175
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
-50 -25 0 25 50 75 100125150175
VOUT=3.3V
VOUT SET WITH 1% RESISTORS
Maximum Power Dissipation
25
65
105
4
6
8
10
Case Temperature(℃)
TO-263 & TO-252
SOT-223
2
45
85
125
0
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LR1118L-XX-AA3-C-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118L-XX-AA3-C-T UTC-LR1118L-XX-AA3-C-T Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1118L-XX-AA3-C-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118_12 Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1116 UTC-LR1116_12 Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117_12 Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com