Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT564 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT564
Description  Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT564 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT564 Datasheet HTML 1Page - ON Semiconductor MC74ACT564 Datasheet HTML 2Page - ON Semiconductor MC74ACT564 Datasheet HTML 3Page - ON Semiconductor MC74ACT564 Datasheet HTML 4Page - ON Semiconductor MC74ACT564 Datasheet HTML 5Page - ON Semiconductor MC74ACT564 Datasheet HTML 6Page - ON Semiconductor MC74ACT564 Datasheet HTML 7Page - ON Semiconductor MC74ACT564 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 3
1
Publication Order Number:
MC74ACT564/D
MC74ACT564
Octal D−Type Flip−Flop
with 3−State Outputs
The MC74ACT564 is a high−speed, low power octal flip−flop with
a buffered common Clock (CP) and a buffered common Output
Enable (OE).
The information presented to the D inputs is stored in the flip−flops
on the LOW−to−HIGH Clock (CP) transition.
The MC74ACT564 device is functionally indentical to the
MC74ACT574, but with inverted outputs.
Features
Inputs and Outputs on the Opposite Sides of the Package Allowing
Easy Interface with Microprocessors
Useful as Input or Output Port for Microprocessor
Functionally Indentical to the MC74ACT574 but with Inverted
Outputs
3−State Outputs for Bus−Oriented Applications
Outputs Source/Sink 24 mA
TTL Compatible Inputs
Pb−Free Packages are Available*
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
D0−D7
FUNCTION
Data Inputs
CP
Clock Pulse Input
OE
3−State Output Enable Input
O0−O7
3−State Outputs
Figure 2. Logic Symbol
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
1
PDIP−20
N SUFFIX
CASE 738
1
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74ACT564

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT564 MOTOROLA-MC74ACT564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
189Kb / 9P
   Octal D-Type Latch with 3-State Outputs
June, 2006 ??Rev. 5
logo
Motorola, Inc
MC74ACT564DW MOTOROLA-MC74ACT564DW Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74ACT564N MOTOROLA-MC74ACT564N Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - MC74ACT564

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74VHC573 ONSEMI-MC74VHC573_06 Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com