Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN2222A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PN2222A
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PN2222A Datasheet(HTML) 2 Page - Unisonic Technologies

  PN2222A Datasheet HTML 1Page - Unisonic Technologies PN2222A Datasheet HTML 2Page - Unisonic Technologies PN2222A Datasheet HTML 3Page - Unisonic Technologies PN2222A Datasheet HTML 4Page - Unisonic Technologies PN2222A Datasheet HTML 5Page - Unisonic Technologies PN2222A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PN2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R208-022,B
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
0.6
A
SOT-89
1.2
W
Total Device Dissipation
TO-92
PC
625
mW
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty
cycle operations.
THERMAL DATA (Ta=25℃, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-89
104
℃/W
Thermal resistance, junction to Ambient
TO-92
θ
JA
200
℃/W
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=10µA, IE=0
75
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
40
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
6
V
Collector Cut-off Current
ICEO
VCE=60V, VEB(OFF)=3.0V
10
nA
Collector Cut-Off Current
ICBO
VCB=60V, IE=0
VCB=60V,IE=0, Ta=150℃
0.01
10
µA
µA
Emitter Cut-Off Current
IEBO
VEB=3.0V, IC=0
10
nA
Base Cut-Off Current
IBL
VCE=60V, VEB(OFF)=3.0V
20
nA
ON CHARACTERISTICS
DC Current Gain
hFE
IC=0.1mA, VCE=10V
IC=1.0mA, VCE=10V
IC=10mA, VCE=10V
IC=10mA, VCE=10V, Ta=-55℃
IC=150mA, VCE=10V*
IC=150mA, VCE=1.0V*
IC=500mA, VCE=10V*
35
50
75
35
100
50
40
300
Collector-Emitter Saturation Voltage*
VCE(SAT)
IC=150mA, IB=15mA
IC=500mA, IB=50mA
0.3
1.0
V
V
Base-Emitter Saturation Voltage*
VBE(SAT)
IC=150mA, IB=15mA
IC=500mA, IB=50mA
0.6
1.2
2.0
V
V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
IC=20mA, VCE=20V, f=100MHz
300
MHz
Output Capacitance
Cobo
VCB=10V, IE=0, f=100kHz
8.0
pF
Input Capacitance
Cibo
VEB=0.5V, IC=0, f=100kHz
25
pF
Collector Base Time Constant
rb'Cc
IC=20mA, VCB=20V, f=31.8MHz
150
pS
Noise Figure
NF
IC=100µA, VCE=10V, RS=1.0kΩ,
f=1.0kHz
4.0
dB
Real Part of Common-Emitter High
Frequency Input Impedance
Re(hje) IC=20mA, VCB=20V, f=300MHz
60


Similar Part No. - PN2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2222A PHILIPS-PN2222A Datasheet
45Kb / 8P
   NPN switching transistor
1999 May 21
logo
AUK corp
PN2222A AUK-PN2222A Datasheet
65Kb / 3P
   NPN Silicon Transistor
logo
Unisonic Technologies
PN2222A UTC-PN2222A Datasheet
241Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
STMicroelectronics
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Diotec Semiconductor
PN2222A DIOTEC-PN2222A Datasheet
97Kb / 2P
   Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
More results

Similar Description - PN2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com