Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT374 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74ACT374
Description  Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT374 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74ACT374 Datasheet HTML 1Page - ON Semiconductor MC74ACT374 Datasheet HTML 2Page - ON Semiconductor MC74ACT374 Datasheet HTML 3Page - ON Semiconductor MC74ACT374 Datasheet HTML 4Page - ON Semiconductor MC74ACT374 Datasheet HTML 5Page - ON Semiconductor MC74ACT374 Datasheet HTML 6Page - ON Semiconductor MC74ACT374 Datasheet HTML 7Page - ON Semiconductor MC74ACT374 Datasheet HTML 8Page - ON Semiconductor MC74ACT374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74AC374, MC74ACT374
http://onsemi.com
5
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40
°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum
3-State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
mA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
100
160
90
MHz
3−3
tPLH
Propagation Delay
CP to On
5.0
2.0
8.5
10
2.0
11.5
ns
3−6
tPHL
Propagation Delay
CP to On
5.0
2.0
8.0
9.5
1.5
11
ns
3−6
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
3−7
tPZL
Output Enable Time
5.0
1.5
8.0
9.0
1.5
10.5
ns
3−8
tPHZ
Output Disable Time
5.0
1.5
8.5
11.5
1.0
12.5
ns
3−7
tPLZ
Output Disable Time
5.0
1.5
7.0
8.5
1.0
10
ns
3−8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74ACT374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT374 MOTOROLA-MC74ACT374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT374DTR2G ONSEMI-MC74ACT374DTR2G Datasheet
106Kb / 10P
   Octal D-Type Flip-Flop with 3-State Outputs
March, 2015 ??Rev. 9
logo
Motorola, Inc
MC74ACT374DW MOTOROLA-MC74ACT374DW Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT374DWG ONSEMI-MC74ACT374DWG Datasheet
106Kb / 10P
   Octal D-Type Flip-Flop with 3-State Outputs
March, 2015 ??Rev. 9
MC74ACT374DWR2G ONSEMI-MC74ACT374DWR2G Datasheet
106Kb / 10P
   Octal D-Type Flip-Flop with 3-State Outputs
March, 2015 ??Rev. 9
More results

Similar Description - MC74ACT374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74VHC573 ONSEMI-MC74VHC573_06 Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com