Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC125ANSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ANSR
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC125ANSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC125ANSR Datasheet HTML 1Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 2Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 3Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 4Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 5Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 6Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 7Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 8Page - Texas Instruments SN74LVC125ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH - V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC125A
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS290O – JANUARY 1993 – REVISED AUGUST 2005
Figure 1. Load Circuit and Voltage Waveforms
5


Similar Part No. - SN74LVC125ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ANSR TI-SN74LVC125ANSR Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125ANSR TI-SN74LVC125ANSR Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ANSR TI1-SN74LVC125ANSR Datasheet
1Mb / 28P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
SN74LVC125ANSR TI1-SN74LVC125ANSR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
SN74LVC125ANSRE4 TI-SN74LVC125ANSRE4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC125ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com