Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2940-80-TN3-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LM2940-80-TN3-T
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940-80-TN3-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LM2940-80-TN3-T Datasheet HTML 3Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 4Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 5Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 6Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 7Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 8Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 9Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 10Page - Unisonic Technologies LM2940-80-TN3-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
-10
10
-10
Time (μS)
Line Transient Response
20
-30
-20
0
3V
030
40
0V
10
20
30
1
100
Ripple Rejection vs. Frequency
1K
45
55
35
10
10K 100K
65
75
85
95
Frequency (Hz)
1.0
3.0
Low Voltage Behavior
4.0
2.0
2.0
5.0
6.0
1.0
3.0
4.0
5.0
Input Voltage (V)
04
6
2
28
10
0
4
6
Input Voltage (V)
12
14
8
10
12
14
50
60
-10
10
-0.4
Load Transient Response
20
1.0
-0.5
-0.3
0.5
030
40
0
-0.2
-0.1
0.5
0.1
0.2
0.3
0.4
0
VIN=10V
VoUT=5 V
COUT=22μF
1M
VIN=10V
VoUT=5 V
COUT=22μF
IoUT=10mA
IoUT=1A
VoUT=5 V
TJ=25℃
Low Voltage Behavior
IoUT=1A
VoUT=8 V
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
IoUT=1A
VoUT=9 V
Time (μS)
TJ=25℃
TJ=25℃
TJ=25℃


Similar Part No. - LM2940-80-TN3-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940-80CDCYR TI1-LM2940-80CDCYR Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
LM2940-80CKCS TI1-LM2940-80CKCS Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
LM2940-80CKTTR TI1-LM2940-80CKTTR Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
LM2940-80IDCYR TI1-LM2940-80IDCYR Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
LM2940-80IKCS TI1-LM2940-80IKCS Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
More results

Similar Description - LM2940-80-TN3-T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com