Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVTH16245DLG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74ALVTH16245DLG4
Description  2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16245DLG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74ALVTH16245DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 11Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 12Page - Texas Instruments 74ALVTH16245DLG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVTH16245DLG4
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVTH16245DLRG4
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVTH16245GRE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVTH16245VRE4
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVTH16245ZQLR
ACTIVE
BGA MI
CROSTA
R JUNI
OR
ZQL
56
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
SN74ALVTH16245DL
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVTH16245DLR
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVTH16245GR
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVTH16245KR
ACTIVE
BGA MI
CROSTA
R JUNI
OR
GQL
56
1000
TBD
SNPB
Level-1-240C-UNLIM
SN74ALVTH16245VR
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Similar Part No. - 74ALVTH16245DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVTH16245GRE4 TI-74ALVTH16245GRE4 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ALVTH16245GRE4 TI1-74ALVTH16245GRE4 Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ALVTH16245VRE4 TI-74ALVTH16245VRE4 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ALVTH16245VRG4 TI1-74ALVTH16245VRG4 Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ALVTH16245ZQLR TI-74ALVTH16245ZQLR Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVTH16245DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI1-SN54ALVTH162245_09 Datasheet
431Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTHR16245 TI-SN74ALVTHR16245 Datasheet
397Kb / 8P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16245 TI-SN54ALVTH16245 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTHR16245 TI1-SN54ALVTHR16245_14 Datasheet
940Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16501 TI-SN54ALVTH16501 Datasheet
170Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com