Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7503AYAS-390M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A7503AYAS-390M
Description  Fixed Inductors for Digital Audio Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A7503AYAS-390M Datasheet(HTML) 1 Page - TOKO, Inc

  A7503AYAS-390M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Digital Audio Amplifier デジタルオーディオアンプ用 固定インダクタ
11RHBP
DIMENSIONS/外形寸法図
13.7 Max.
3.5
φ0.61
3.5
11.2 Max.
方向表示
Direction indication
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equvalent.
Test frequency at 1.0kHz.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that Which causes a 10%
inductance reduction from the initial value.
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2) 直流抵抗値はデジタルマルチメータTR6871(Advantest)又は同等
品にて測定する。
(3) 最大許容電流は、直流重量電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値です。
(Unit: mm)
TYPE 11RHBP
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
A7503AY-100M
A7503AY-150M
A7503AY-180M
A7503AY-220M
A7503AY-270M
A7503AY-330M
A7503AY-390M
A7503AY-470M
10
15
18
22
27
33
39
47
±20
±20
±20
±20
±20
±20
±20
±20
36
76
80
97
100
115
125
135
4.32
3.48
3.18
2.70
2.55
2.30
2.12
1.92
TYPE 11RHBP
w
witth sshield casse
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
A7503AYAS-100M
A7503AYAS-150M
A7503AYAS-180M
A7503AYAS-220M
A7503AYAS-270M
A7503AYAS-330M
A7503AYAS-390M
A7503AYAS-470M
10
15
18
22
27
33
39
47
±20
±20
±20
±20
±20
±20
±20
±20
36
76
80
97
100
115
125
135
4.32
3.48
3.18
2.70
2.55
2.30
2.12
1.92
SELECTION GUIDE FOR STANDARD COILS
Inductance Range:
10~47µH
with shield case
13.5 Max.
5.0
φ0.61
φ11.0 Max.
方向表示
Direction indication
FEATURES/特長
• Magnetically shielded construction and low leakage flux
structure.
• Low distotion.
• The magneticshield in a metal case is aviable.
• RoHS compliant.
閉磁路構造、低漏れ磁束構造
低歪率
金属ケースによる磁気シールド可
RoHS指令対応
(Unit: mm)


Similar Part No. - A7503AYAS-390M

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7501 AITSEMI-A7501 Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E3RXX AITSEMI-A7501E3RXX Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E3VRXX AITSEMI-A7501E3VRXX Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E5RXXD AITSEMI-A7501E5RXXD Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E5VRXXD AITSEMI-A7501E5VRXXD Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
More results

Similar Description - A7503AYAS-390M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
8RDY TOKO-8RDY Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com