Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13485EESA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13485EESA+
Description  Half-Duplex RS-485/RS-422 Transceivers in uDFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13485EESA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13485EESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 11Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 12Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 13Page - Maxim Integrated Products MAX13485EESA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Half-Duplex RS-485/RS-422 Transceivers in µDFN
10
______________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
RO
Receiver Output
2
RE
Receiver Output Enable. Drive RE low to enable RO. RO is high impedance when RE is high. Drive
RE high and DE low to enter low-power shutdown mode. RE is a hot-swap input (see the Hot-Swap
Capability section for more details).
3DE
Driver Output Enable. Drive DE high to enable the driver outputs. These outputs are high-impedance
when DE is low. Drive RE high and DE low to enter low-power shutdown mode. DE is a hot-swap input
(see the Hot-Swap Capability section for more details).
4DI
Driver Input. Drive DI low to force noninverting output low and inverting output high. Drive DI high to
force noninverting output high and inverting output low (see the Function Tables).
5
GND
Ground
6
A
Noninverting Receiver Input and Noninverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8VCC
Positive Supply, VCC = +5V ±5%. Bypass VCC to GND with a 0.1µF capacitor.
TRANSMITTING
INPUT
OUTPUT
RE
DE
DI
B
A
X1
1
0
1
X1
0
1
0
0
0
X
HIGH IMPEDANCE
HIGH IMPEDANCE
1
0
X
SHUTDOWN
RECEIVING
INPUT
OUTPUT
RE
DE
A-B
RO
0X
> -50mV
1
0X
< -200mV
0
0
X
OPEN/SHORT
1
1
1
X
HIGH IMPEDANCE
1
0
X
SHUTDOWN
Function Tables
X = Don’t care, shutdown mode, driver, and receiver outputs
are in high impedance.


Similar Part No. - MAX13485EESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13485EEVKIT MAXIM-MAX13485EEVKIT Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 12/08
MAX13485EEVKIT++ MAXIM-MAX13485EEVKIT+ Datasheet
116Kb / 5P
   Evaluation Kit
Rev 0; 12/08
MAX13485EEVKIT++ MAXIM-MAX13485EEVKIT+ Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 12/08
More results

Similar Description - MAX13485EESA+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com