Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1106-2J-AF5-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1106-2J-AF5-T
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106-2J-AF5-T Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LR1106-2J-AF5-T Datasheet HTML 2Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 3Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 4Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 5Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 6Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 7Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 8Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 9Page - Unisonic Technologies LR1106-2J-AF5-T Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 16
www.unisonic.com.tw
QW-R502-055,F
ELECTRICAL CHARACTERISTICS(Cont.)
For LR1106-33
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.3V, IOUT=40mA
3.234
3.300
3.366
V
Input Voltage
VIN
8
V
Load Regulation
Δ
VOUT
VIN=4.3V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
150
220
Dropout Voltage
VD2
IOUT=200mA
300
420
mV
Maximum Output Current
IOUT(MAX)
VIN=4.3V, VOUT≥VOUT× 0.96
400
mA
Supply Current
ISS
VIN=4.3V, VEN=VIN
30.0
50.0
µA
IEH
VEN=VIN
0.1
µA
EN Input Bias Current
IEL
VEN=0, VIN=4.3V to 8V
1.0
3.0
µA
VEH
VIN=2.6V to 7V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Line Regulation
VOUT
V
IN×△VOUT
IOUT=40mA, 4.3V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
VOUT
TOPR×VOUT
IOUT=40mA
±
100
ppm/℃
For LR1106-50
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.0V, IOUT=40mA
4.900
5.000
5.100
V
Input Voltage
VIN
8
V
Load Regulation
Δ
VOUT
VIN=6.0V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
100
180
Dropout Voltage
VD2
IOUT=200mA
200
320
mV
Maximum Output Current
IOUT(MAX)
VIN=6.0V, VOUT≥VOUT× 0.96
400
mA
Supply Current
ISS
VIN=6.0V, VEN=VIN
30.0
50.0
µA
IEH
VEN=VIN
0.1
µA
EN Input Bias Current
IEL
VEN=0, VIN=6.0V to 8V
1.0
3.0
µA
VEH
VIN=2.6V to 7V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Line Regulation
VOUT
V
IN×△VOUT
IOUT=40mA, 6.0V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
VOUT
TOPR×VOUT
IOUT=40mA
±
100
ppm/℃


Similar Part No. - LR1106-2J-AF5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106 UTC-LR1106 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-15-AB3-B-R UTC-LR1106G-15-AB3-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-15-AE3-B-R UTC-LR1106G-15-AE3-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1106-2J-AF5-T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203 TOREX-XC6203_1 Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com