Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13483E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13483E
Description  ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13483E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13483E Datasheet HTML 6Page - Maxim Integrated Products MAX13483E Datasheet HTML 7Page - Maxim Integrated Products MAX13483E Datasheet HTML 8Page - Maxim Integrated Products MAX13483E Datasheet HTML 9Page - Maxim Integrated Products MAX13483E Datasheet HTML 10Page - Maxim Integrated Products MAX13483E Datasheet HTML 11Page - Maxim Integrated Products MAX13483E Datasheet HTML 12Page - Maxim Integrated Products MAX13483E Datasheet HTML 13Page - Maxim Integrated Products MAX13483E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
±15kV ESD-Protected USB Transceivers with
External/Internal Pullup Resistors
10
______________________________________________________________________________________
VTRM
An internal linear regulator generates the VTRM voltage
(+3.3V, typ). VTRM derives power from VBUS (see the
Power-Supply Configurations section). VTRM powers
the internal portions of the USB circuitry and provides
the pullup voltage for the MAX13481E/MAX13482E.
Bypass VTRM to GND with a 1µF ceramic capacitor as
close to the device as possible. Do not use VTRM to pro-
vide power to any other external circuitry.
D+ and D-
D+ and D- serve as bidirectional bus connections and
are ESD-protected to ±15kV (Human Body Model). For
OE = low, D+ and D- serve as transmitter outputs. For
OE = high, D+ and D- serve as receiver inputs.
BD (MAX13482E/MAX13483E)
The push-pull bus detect (BD) output monitors VBUS
and asserts high if VBUS is greater than VTH_H. BD
asserts low if VBUS is less than VTH_L, and the
MAX13482E/MAX13483E enter sharing mode (Table 2).
VBUS
For most applications, VBUS connects to the VBUS ter-
minal on the USB connector (see the Power-Supply
Configurations section). VBUS can also connect to an
external supply. Drive VBUS low to enable sharing
mode. Bypass VBUS to GND with a 1µF ceramic capac-
itor as close to the device as possible.
External Components
External Capacitors
The MAX13481E/MAX13482E/MAX13483E require
three external capacitors for proper operation. Bypass
VL to GND with a 0.1µF ceramic capacitor. Bypass
VBUS to GND with a 1µF ceramic capacitor. Bypass
VTRM to GND with a 1µF (min) ceramic capacitor.
Install all capacitors as close to the device as possible.
External Resistor
Proper USB operation requires two external resistors,
each 27
Ω ±1%. Install one resistor in series between D+
of the MAX13481E/MAX13482E/MAX13483E and D+ on
the USB connector. Install the other resistor in series
between D- of the MAX13481E/MAX13482E/MAX13483E
and D- on the USB connector (see the Typical Operating
Circuits). The MAX13483E requires an external 1.5k
Ω
pullup resistor between VTRM and D+ for full-speed
operation. The MAX13481E requires an external 1.5k
Ω
pullup resistor between VPU and D+ for full-speed oper-
ation. The MAX13482E does not require an external
pullup resistor but VPUR must be connected to D+ for
full-speed operation.
Data Transfer
Transmitting Data to the USB
To transmit data to the USB, drive
OE low. The
MAX13481E/MAX13482E/MAX13483E transmit data to
the USB differentially on D+ and D-. VP and VM serve
as input signals to the differential driver and are also
used to assert a single-ended zero (SE0) driver (see
Table 3).
Receiving Data from the USB
To receive data from the USB, drive
OE high and SUS
low. Differential data received by D+ and D- appears at
RCV. Single-ended receivers on D+ and D- drive VP
and VM, respectively.
RCV
RCV monitors D+ and D- when receiving data. RCV is a
logic 1 for D+ high and D- low. RCV is a logic 0 for D+
low and D- high. RCV retains its last valid state when
D+ and D- are both low (single-ended zero, or SE0).
ESD Protection
D+ and D- possess extra protection against static elec-
tricity to protect the devices up to
±15kV. The ESD
structures withstand high ESD in all operating modes:
normal operation, suspend mode, and powered down.
D+ and D- provide protection to the following limits:
•±15kV using the Human Body Model
•±8kV using the Contact Discharge method specified
in IEC 61000-4-2
• To protect VBUS from ±15kV ESD, a 1µF or greater
capacitor must be connected from VBUS to GND.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 6 shows the Human Body Model and Figure 7
shows the current waveform generated when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which then discharges into the test device through
a 1.5k
Ω resistor.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. It does not specifi-
cally refer to integrated circuits. The major difference
between tests done using the Human Body Model and
IEC 61000-4-2 is a higher peak current in IEC 61000-4-
2, due to lower series resistance. Hence, the ESD with-


Similar Part No. - MAX13483E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1348 MAXIM-MAX1348 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Evaluation Kit
Rev 0; 12/08
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 12/08
MAX13485EELA+T MAXIM-MAX13485EELA+T Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
More results

Similar Description - MAX13483E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com