Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292KNAS-T1028Z Datasheet(PDF) 2 Page - TOKO, Inc

Part # 292KNAS-T1028Z
Description  Variable Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

292KNAS-T1028Z Datasheet(HTML) 2 Page - TOKO, Inc

  292KNAS-T1028Z Datasheet HTML 1Page - TOKO, Inc 292KNAS-T1028Z Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
77
continued from previous page
TYPE 7KMM High Frequency1
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(
µH)
(min.)
(MHz)
292SNS-T1365Z
0.08±2%
50
80.0
292SNS-T1366Z
0.10±6%
50
80.0
292SNS-T1367Z
0.15±6%
60
80.0
292SNS-T1368Z
0.22±6%
60
80.0
292SNS-T1369Z
0.33±6%
60
80.0
292SNS-T1370Z
0.47±6%
60
50.0
292SNS-T1371Z
0.68±6%
60
50.0
292KNS-T1372Z
1.00±6%
40
7.96
292KNS-T1373Z
1.50±6%
40
7.96
292KNS-T1374Z
2.20±6%
40
7.96
292KNS-T1375Z
3.30±6%
40
7.96
292KNS-T1376Z
4.70±6%
40
7.96
292KNS-T1377Z
6.80±6%
40
7.96
292KNS-T1378Z
10.00±6%
40
7.96
1
Recommended for use with Motorola linear IC’s
TYPE
7KMM
Variable Coils


Similar Part No. - 292KNAS-T1028Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
292 ETC1-292 Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Cornell Dubilier Electr...
292 CDE-292 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
logo
Amphenol RF.
292-180 RF-292-180 Datasheet
273Kb / 1P
   BNC STR PLUG IP 67 TO BNC STR PLUG IP 67 USING RG 58 CABLE VARIOUS LENGTH
logo
List of Unclassifed Man...
2920 ETC1-2920 Datasheet
351Kb / 6P
   20 MHz BIPOLAR LOGARITHMIC AMPLIFIER
logo
RHOPOINT COMPONENTS
2920 RHOPOINT-2920 Datasheet
53Kb / 2P
   Microminiature Reed Relays
More results

Similar Description - 292KNAS-T1028Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7PA TOKO-7PA Datasheet
20Kb / 1P
   Variable Coils
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
   Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
   Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
   VARIABLE COILS
logo
TOKO, Inc
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
   Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
   Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
   Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-2R0 XFMRS-XF757595-2R0 Datasheet
34Kb / 1P
   VARIABLE COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com