Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV393-SM1-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LMV393-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393-SM1-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LMV393-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 9Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 10Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R104-004,A
TYPICAL CHARACTERISTICS
1000
0
20
10
400
600
900
30
800
500
300
40
Output Voltage vs Output Current at 5V Supply
Output Current (mA)
50
700
200
+25℃
100
0
600
0
10
5
200
400
15
500
300
20
Output Voltage vs Output Current at 2.7 Supply
Output Current (mA)
+85℃
+25℃
100
0
250
2.5
4.5
3.5
50
150
5.5
200
100
Input Bias Current vs Supply Voltage
Supply Voltage (V)
+85℃
+25℃
5
0
VIN=0V
5
0
1
0.5
1
3
1.5
4
2
2
Response Time vs Input Overdrives Negative
Transition
Time (μs)
10mV
100
0
Overdrive
100mV
20m
V
0
5
0
6
3
1
3
9
4
2
12
Response Time for Input Overdrive Positive Transition
Time (μs)
5mV
-100
0
Overdrive
100mV
20mV
0
Vcc=5V
Ta=25℃
RL=5.1kΩ
Vcc=5V
Ta=25℃
RL=5.1kΩ
0
1
0.5
1
3
1.
5
2
2
Response Time vs Input Overdrives Negative
Transition
Time (μs)
100
0
Overdrive
100m
V
20mV
0
Vcc=2.7V
Ta=25℃
RL=5.1kΩ
~
~
~
~
~
~
~
~
~
~
~
~
+85℃
1100
1200
1300
1400
1500
1600
1700
700
2.5
3
10mV


Similar Part No. - LMV393-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV393-N TI-LMV393-N Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
LMV393-N TI-LMV393-N Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV393-N TI1-LMV393-N Datasheet
1Mb / 33P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny
LMV393-N TI1-LMV393-N Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
LMV393-Q1 TI-LMV393-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV393-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV393 UTC-LMV393_14 Datasheet
257Kb / 11P
   DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com