Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX00MEL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX00MEL
Description  Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX00MEL Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX00MEL Datasheet HTML 1Page - ON Semiconductor MC74LVX00MEL Datasheet HTML 2Page - ON Semiconductor MC74LVX00MEL Datasheet HTML 3Page - ON Semiconductor MC74LVX00MEL Datasheet HTML 4Page - ON Semiconductor MC74LVX00MEL Datasheet HTML 5Page - ON Semiconductor MC74LVX00MEL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74LVX00
http://onsemi.com
5
PACKAGE DIMENSIONS
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE G
TSSOP−14
DT SUFFIX
CASE 948G−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60
0.020
0.024
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
___
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
−U−
SEATING
PLANE
0.10 (0.004)
−T−
SECTION N−N
DETAIL E
J J1
K
K1
DETAIL E
F
M
−W−
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
−V−
14X
REF
K
N
N


Similar Part No. - MC74LVX00MEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX00M MOTOROLA-MC74LVX00M Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX00M ONSEMI-MC74LVX00M Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
More results

Similar Description - MC74LVX00MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX157 ONSEMI-MC74LVX157 Datasheet
91Kb / 6P
   Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A_13 Datasheet
145Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
May, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com