Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS04S0A0R16PFC Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNS04S0A0R16PFC
Description  Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0R16PFC Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNS04S0A0R16PFC Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 12Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 13Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 14Page - Delta Electronics, Inc. DNS04S0A0R16PFC Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_DNL04SIP16A_10052006
11
The DNL family has 3 different option codes for TRACK
function.
Option
code
A:
the
output
voltage
TRACK
characteristic can be achieved when
the output voltage of PS2 follows the
output voltage of PS1 on a volt-to-volt
basis. (Figure 41)
Option code B: No TRACK function
Option code C: Implementation of advanced power
tracking techniques is based on connecting the power
good signal or selecting proper value for external
resistor R1 (Figure 40 to Figure 43).
Figure 40: Sequential
Figure 41: Simultaneous
Figure 42: Ratio-metric
Figure 43: Ratio-metric
FEATURE DESCRIPTIONS (CON.)
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage of
the module can be increased, which at the same output
current would increase the power output of the module.
Care should be taken to ensure that the maximum output
power of the module must not exceed the maximum rated
power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the DNL
modules by connecting a resistor, R margin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 39 shows
the circuit configuration for output voltage margining. If
unused, leave the trim pin unconnected. A calculation
tool is available from the evaluation procedure which
computes the values of R margin-up and Rmargin-down for a
specific output voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39: Circuit configuration for output voltage margining
Voltage Tracking
The DNM/DNL family was designed for applications that
have output voltage tracking requirements during
power-up and power-down. The devices have a TRACK
pin to implement three types of tracking method:
sequential, ratio-metric and simultaneous. TRACK
simplifies the task of supply voltage tracking in a power
system by enabling modules to track each other, or any
external voltage, during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
The DNL family has 3 different option codes for TRACK
function:
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
+ΔV
-ΔV
PS2


Similar Part No. - DNS04S0A0R16PFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0R16PFB DELTA-DNS04S0A0R16PFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R16PFD DELTA-DNS04S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R16PFD DELTA-DNS04S0A0R16PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R16PFD DELTA-DNS04S0A0R16PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0R16PFD DELTA-DNS04S0A0R16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS04S0A0R16PFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD_14 Datasheet
667Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com