Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT245DWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74ACT245DWG
Description  Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT245DWG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74ACT245DWG Datasheet HTML 1Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 2Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 3Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 4Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 5Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 6Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 7Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 8Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74AC245, MC74ACT245
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
VIN, VOUT
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
1. VIN from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. VIN from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


Similar Part No. - MC74ACT245DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT245DWG ONSEMI-MC74ACT245DWG Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results

Similar Description - MC74ACT245DWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com