Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT240DWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT240DWG
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT240DWG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT240DWG Datasheet HTML 1Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 2Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 3Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 4Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 5Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 6Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 7Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 8Page - ON Semiconductor MC74ACT240DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC240, MC74ACT240
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =−40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 mA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOZ
Maximum
3−State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
mA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


Similar Part No. - MC74ACT240DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT240DWG ONSEMI-MC74ACT240DWG Datasheet
96Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 9
More results

Similar Description - MC74ACT240DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com