Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN12-VS20AF20 Datasheet(PDF) 2 Page - Bi technologies

Part # EN12-VS20AF20
Description  12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN12-VS20AF20 Datasheet(HTML) 2 Page - Bi technologies

  EN12-VS20AF20 Datasheet HTML 1Page - Bi technologies EN12-VS20AF20 Datasheet HTML 2Page - Bi technologies EN12-VS20AF20 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model EN12
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 5, 2007
page 2 of 3
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-30°C to +85°C
Rotational Life
30,000 cycles
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
2
2
2
2
Shaft Length Options
18 Length = 17.5mm
23 Length = 22.5mm
2
Contact our customer service for custom designs and features.
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
EN12
EN12
EN12
EN12 ---- VS 1 1 A
VS 1 1 A
VS 1 1 A
VS 1 1 A F 20
F 20
F 20
F 20
Model Series
Shaft Length “L” see below
Style
Bushing Length (M)
A = 5mm
Flatted Shaft
Detents :
0 = No Detent
1= 12 Detents (for 12 pulses only)
2= 24 Detents (for 24 pulses only)
Pulses:
1=12 Pulses
2=24 Pulses


Similar Part No. - EN12-VS20AF20

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
EN12-VS20AF20 TTELEC-EN12-VS20AF20 Datasheet
587Kb / 3P
   Rotary Encoder
More results

Similar Description - EN12-VS20AF20

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN12 BITECH-EN12_15 Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN11 BITECH-EN11_11 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11 BITECH-EN11 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN16 BITECH-EN16 Datasheet
262Kb / 3P
   16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
List of Unclassifed Man...
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com