Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX00DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX00DR2G
Description  Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX00DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX00DR2G Datasheet HTML 1Page - ON Semiconductor MC74LVX00DR2G Datasheet HTML 2Page - ON Semiconductor MC74LVX00DR2G Datasheet HTML 3Page - ON Semiconductor MC74LVX00DR2G Datasheet HTML 4Page - ON Semiconductor MC74LVX00DR2G Datasheet HTML 5Page - ON Semiconductor MC74LVX00DR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 3
1
Publication Order Number:
MC74LVX00/D
MC74LVX00
Quad 2−Input NAND Gate
With 5 V−Tolerant Inputs
The MC74LVX00 is an advanced high speed CMOS 2−input
NAND gate. The inputs tolerate voltages up to 7.0 V, allowing the
interface of 5.0 V systems to 3.0 V systems.
Features
High Speed: t
PD = 4.1 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: I
CC = 2
mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: V
OLP = 0.5 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W
= Work Week
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
1
14
74LVX00
ALYW
LVX00
AWLYWW
14
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
14
http://onsemi.com
LVX
00
ALYW
1
14


Similar Part No. - MC74LVX00DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX00DR2G ONSEMI-MC74LVX00DR2G Datasheet
111Kb / 5P
   Quad 2-Input NAND Gate
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX00DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX157 ONSEMI-MC74LVX157 Datasheet
91Kb / 6P
   Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A_13 Datasheet
145Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
May, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com