Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCXU04DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LCXU04DR2
Description  Low-Voltage CMOS Unbuffered Hex Inverter With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCXU04DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCXU04DR2 Datasheet HTML 1Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 2Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 3Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 4Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 5Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 6Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 7Page - ON Semiconductor MC74LCXU04DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LCXU04
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
2.5, 3.3
2.5, 3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
0
VCC
V
IOH
HIGH Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
−18
−12
−8
mA
IOL
LOW Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
+16
+12
+8
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
VCC = 2.3 V
1.7
V
IH
g(
)
VCC = 2.7 V
2.1
VCC = 3.0 V
2.2
VCC = 3.6 V
2.7
VIL
LOW Level Input Voltage (Note 2)
VCC = 2.3 V
0.55
V
IL
g(
)
VCC = 2.7 V
0.55
VCC = 3.0 V
0.55
VCC = 3.6 V
0.55
VOH
HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
VCC − 0.2
V
OH
g
VCC = 2.3 V; IOH = −8 mA
1.8
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VOL
LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
OL
g
VCC = 2.3 V; IOL= 8 mA
0.6
VCC = 2.7 V; IOL= 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.5
II
Input Leakage Current
2.3 V
≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 5.5 V
±5.0
mA
IOZ
3−State Output Current
2.3
≤ VCC ≤ 3.6 V; 0V ≤ VO ≤ 5.5 V;
VI = VIH or V IL
±5.0
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 5.5 V
10
mA
ICC
Quiescent Supply Current
2.3
≤ VCC ≤ 3.6 V; VI = GND or VCC
10
mA
CC
y
2.3
≤ VCC ≤ 3.6 V; 3.6 ≤ VI or VO ≤ 5.5 V
±10
mA
DICC
Increase in ICC per Input
2.3
≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.


Similar Part No. - MC74LCXU04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCXU04DR2G ONSEMI-MC74LCXU04DR2G Datasheet
126Kb / 8P
   Low-Voltage CMOS Unbuffered Hex Inverter
October, 2012 ??Rev. 9
More results

Similar Description - MC74LCXU04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX04 ONSEMI-MC74LVX04_05 Datasheet
82Kb / 5P
   Hex Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 5
MC74LVX14 ONSEMI-MC74LVX14_05 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
MC74LCXU04DTG ONSEMI-MC74LCXU04DTG Datasheet
126Kb / 8P
   Low-Voltage CMOS Unbuffered Hex Inverter
October, 2012 ??Rev. 9
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
logo
STMicroelectronics
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com