Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2044 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L2044
Description  DUAL OUTPUT FLASHER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2044 Datasheet(HTML) 2 Page - Unisonic Technologies

  L2044 Datasheet HTML 1Page - Unisonic Technologies L2044 Datasheet HTML 2Page - Unisonic Technologies L2044 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L2044
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R123-015,A
PIN CONFIGURATION
14
OSC
13
OR2
12
VS
11 OR1
10 GND
9VS
8
LD
7
CR2
6
CR1
5
VS
4
SIHW
3
SIR
2
SIL
1
OSC
UTC L2044
BLOCK DIAGRAM
+
-
K1
+
-
+
-
+
-
+
-
+
-
Vcc-81mV
8
5
9
6
12
VRef1
VRef2
Vcc/2
4
2
3
R3
4.7KΩ
R10
1.2KΩ
R6
4.7KΩ
right
left
1.2KΩ
R7
1.2KΩ
R5
4.7KΩ
R4
2
1
Relay
200Ω
R2
Hazard warning
GND 10
13
11
27.5V
Vcc-6V
1
82KΩ
R1
14
C1
4.7μF
1
47KΩ
R8
47KΩ
7
Vcc
Vstart
GND
RShunt
30mΩ
2
Contast
Vcc
R9
Vcc


Similar Part No. - L2044

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
L2044-D14-T UTC-L2044-D14-T Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
L2044-S14-R UTC-L2044-S14-R Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
L2044-S14-T UTC-L2044-S14-T Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
L2044G-D14-T UTC-L2044G-D14-T Datasheet
195Kb / 5P
   DUAL OUTPUT FLASHER
More results

Similar Description - L2044

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
   Dual Output Flasher
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
   DUAL OUTPUT FLASHER
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
   Dual Output Flasher
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
   DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
   DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_08 Datasheet
257Kb / 9P
   Dual Output Flasher
logo
Unisonic Technologies
LL204 UTC-LL204 Datasheet
104Kb / 4P
   DUAL OUTPUT FLASHER
LL204 UTC-LL204_15 Datasheet
231Kb / 5P
   DUAL OUTPUT FLASHER
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
   SINGLE OUTPUT LED FLASHER IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com