Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9510-30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9510-30
Description  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9510-30 Datasheet(HTML) 6 Page - NXP Semiconductors

  BUK9510-30 Datasheet HTML 1Page - NXP Semiconductors BUK9510-30 Datasheet HTML 2Page - NXP Semiconductors BUK9510-30 Datasheet HTML 3Page - NXP Semiconductors BUK9510-30 Datasheet HTML 4Page - NXP Semiconductors BUK9510-30 Datasheet HTML 5Page - NXP Semiconductors BUK9510-30 Datasheet HTML 6Page - NXP Semiconductors BUK9510-30 Datasheet HTML 7Page - NXP Semiconductors BUK9510-30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9510-30
Logic level FET
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 75 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 45 A
Fig.16. Avalanche energy test circuit.
Fig.17. Switching test circuit.
0
1020
3040
5060
0
1
2
3
4
5
9510-30
QG / nC
VGS / V
VDS / V = 6
24
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
0.5
1
1.5
2
0
20
40
60
80
100
9510-30
VSDS / V
IF / A
Tj / C = 175
25
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
RD
T.U.T.
VDD
RG
VDS
+
-
VGS
0
December 1997
6
Rev 1.100


Similar Part No. - BUK9510-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUK9510-100B ETC-BUK9510-100B Datasheet
129Kb / 15P
   TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK9510-100B ISC-BUK9510-100B Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9510-100B NEXPERIA-BUK9510-100B Datasheet
343Kb / 15P
   N-channel TrenchMOS logic level FET
Rev. 3 - 1 February 2011
logo
NXP Semiconductors
BUK9510-100B PHILIPS-BUK9510-100B_15 Datasheet
229Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3-1 February 2011
BUK9510-55A PHILIPS-BUK9510-55A Datasheet
327Kb / 14P
   TrenchMOS logic level FET
Rev. 01-20 August 2001
More results

Similar Description - BUK9510-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com