Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM12S0A0S10NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNM12S0A0S10NFA
Description  Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM12S0A0S10NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNM12S0A0S10NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 11Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 12Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 13Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 14Page - Delta Electronics, Inc. DNM12S0A0S10NFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_DNM04SIP10_05292006
11
The DNL family has 3 different option codes for TRACK
function.
Option code A: the output voltage TRACK
characteristic can be achieved when
the output voltage of PS2 follows the
output voltage of PS1 on a volt-to-volt
basis. (Figure 41)
Option code B: No TRACK function
Option code C: Implementation of advanced power
tracking techniques is based on connecting the power
good signal or selecting proper value for external
resistor R1 (Figure 40 to Figure 43).
Figure 40: Sequential
Figure 41: Simultaneous
Figure 42: Ratio-metric
Figure 43: Ratio-metric
FEATURE DESCRIPTIONS (CON.)
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the
DNL modules by connecting a resistor, R margin-up, from
the Trim pin to the ground pin for margining-up the
output voltage and by connecting a resistor, Rmargin-down,
from the Trim pin to the output pin for margining-down.
Figure 39 shows the circuit configuration for output
voltage margining. If unused, leave the trim pin
unconnected. A calculation tool is available from the
evaluation procedure which computes the values of R
margin-up
and Rmargin-down for a specific output voltage and
margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39: Circuit configuration for output voltage margining
Voltage Tracking
The DNM/DNL family was designed for applications that
have output voltage tracking requirements during
power-up and power-down. The devices have a TRACK
pin to implement three types of tracking method:
sequential, ratio-metric and simultaneous. TRACK
simplifies the task of supply voltage tracking in a power
system by enabling modules to track each other, or any
external voltage, during power-up and power-down.
By connecting multiple modules together, customers
can get multiple modules to track their output voltages
to the voltage applied on the TRACK pin.
The DNL family has 3 different option codes for TRACK
function
PS1
PS1
PS1
PS2
PS2
PS1
PS1
PS2
PS2
PS2
PS2
PS1
PS1
PS2
PS2
-V△
-V△
PS1


Similar Part No. - DNM12S0A0S10NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM12S0A0S16NFA DELTA-DNM12S0A0S16NFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM12S0A0S16NFB DELTA-DNM12S0A0S16NFB Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM12S0A0S16NFC DELTA-DNM12S0A0S16NFC Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM12S0A0S16PFA DELTA-DNM12S0A0S16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM12S0A0S16PFB DELTA-DNM12S0A0S16PFB Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
More results

Similar Description - DNM12S0A0S10NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD_14 Datasheet
652Kb / 15P
   Delphi DNM series Non-Isolated Point of Load DC/DC Power Modules
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com