Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50N06 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 50N06
Description  50 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

50N06 Datasheet(HTML) 4 Page - Unisonic Technologies

  50N06 Datasheet HTML 1Page - Unisonic Technologies 50N06 Datasheet HTML 2Page - Unisonic Technologies 50N06 Datasheet HTML 3Page - Unisonic Technologies 50N06 Datasheet HTML 4Page - Unisonic Technologies 50N06 Datasheet HTML 5Page - Unisonic Technologies 50N06 Datasheet HTML 6Page - Unisonic Technologies 50N06 Datasheet HTML 7Page - Unisonic Technologies 50N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
50N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-088,A
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
50N06 VBSEMI-50N06 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Nell Semiconductor Co.,...
50N06 NELLSEMI-50N06 Datasheet
445Kb / 9P
   N-Channel Power MOSFET
More results

Similar Description - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06_11 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
   50 Amps, 60 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com