Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS04S0A0R10NFD Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DNS04S0A0R10NFD
Description  Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0R10NFD Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DNS04S0A0R10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0R10NFD Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DS_DNS04SMD6A_10202006
8
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Tantalum
L
TO OSCILLOSCOPE
Note: Input reflected-ripple current is measured with a
simulated source inductance. Current is measured at
the input of the module.
Figure 29: Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10µF tantalum and 1µF capacitor. Scope
measurement should be made using a BNC connector.
Figure 30: Peak-peak output noise and startup transient
measurement test setup.
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 31: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module terminals.
When the module is not soldered (via socket), place
Kelvin connections at module terminals to avoid
measurement errors due to contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 32 shows the input ripple voltage (mVp-p)
for various output models using 2x100 µF low ESR
tantalum
capacitor (KEMET p/n: T491D107M016AS,
AVX p/n: TAJD107M106R, or equivalent) in parallel with
47 µF ceramic capacitor (TDK p/n:C5750X7R1C476M or
equivalent). Figure 33 shows much lower input voltage
ripple when input capacitance is increased to 400 µF (4 x
100 µF) tantalum capacitors in parallel with 94 µF (2 x 47
µF) ceramic capacitor.
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
⎛ −
=
1
0
50
100
150
200
01234
Output Voltage (Vdc)
3.3Vin
5.0Vin
Figure 32: Input voltage ripple for various output models, Io =
6A (CIN = 2
×100µF tantalum // 47µF ceramic)
0
20
40
60
80
012
34
Output Voltage (Vdc)
3.3Vin
5.0Vin
Figure 33: Input voltage ripple for various output models, Io =
6A (CIN = 4
×100µF tantalum // 2×47µF ceramic)


Similar Part No. - DNS04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0R10NFD DELTA-DNS04S0A0R10NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R10NFD DELTA-DNS04S0A0R10NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0R10NFD DELTA-DNS04S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R10NFD DELTA-DNS04S0A0R10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS04S0A0R10NFD DELTA-DNS04S0A0R10NFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
More results

Similar Description - DNS04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com