Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74LCX16374DTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # M74LCX16374DTR2G
Description  Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74LCX16374DTR2G Datasheet(HTML) 7 Page - ON Semiconductor

  M74LCX16374DTR2G Datasheet HTML 1Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 2Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 3Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 4Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 5Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 6Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 7Page - ON Semiconductor M74LCX16374DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74LCX16374
http://onsemi.com
7
PACKAGE DIMENSIONS
TSSOP−48
DT SUFFIX
CASE 1201−01
ISSUE A
S
U
M
0.12 (0.005)
V S
T
−V−
B
A
L
K
−U−
48X
REF
PIN 1
IDENT.
124
25
48
0.076 (0.003)
SEATING
D
−T−
PLANE
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.40
12.60
0.488
0.496
B
6.00
6.20
0.236
0.244
C
−−−
1.10
−−−
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.50 BSC
0.0197 BSC
H
0.37
−−−
0.015
−−−
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.17
0.27
0.007
0.011
K1
0.17
0.23
0.007
0.009
L
7.95
8.25
0.313
0.325
M
0
8
0
8
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSIONS A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
C
G
H
−W−
DETAIL E
J
K1
K
J1
SECTION N−N
M
0.25 (0.010)
F
DETAIL E
N
N


Similar Part No. - M74LCX16374DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74LCX16374DTR2G ONSEMI-M74LCX16374DTR2G Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
More results

Similar Description - M74LCX16374DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com