Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX16245 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LCX16245
Description  Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX16245 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX16245 Datasheet HTML 1Page - ON Semiconductor MC74LCX16245 Datasheet HTML 2Page - ON Semiconductor MC74LCX16245 Datasheet HTML 3Page - ON Semiconductor MC74LCX16245 Datasheet HTML 4Page - ON Semiconductor MC74LCX16245 Datasheet HTML 5Page - ON Semiconductor MC74LCX16245 Datasheet HTML 6Page - ON Semiconductor MC74LCX16245 Datasheet HTML 7Page - ON Semiconductor MC74LCX16245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 7
1
Publication Order Number:
MC74LCX16245/D
MC74LCX16245
Low−Voltage CMOS
16−Bit Transceiver
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The MC74LCX16245 is a high performance, non−inverting 16−bit
transceiver operating from a 2.3 to 3.6 V supply. The device is byte
controlled. Each byte has separate Output Enable inputs which can be
tied together for full 16−bit operation. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5 V allows MC74LCX16245
inputs to be safely driven from 5.0 V devices. The MC74LCX16245 is
suitable for memory address driving and all TTL level bus oriented
transceiver applications.
The 4.5 ns maximum propagation delays support high performance
applications. Current drive capability is 24 mA at both A and B ports.
The Transmit/Receive (T/Rn) inputs determine the direction of data
flow through the bidirectional transceiver. Transmit (active−HIGH)
enables data from A ports to B ports; Receive (active−LOW) enables
data from B to A ports. The Output Enable inputs (OEn), when HIGH,
disable both A and B ports by placing them in a HIGH Z condition.
Features
Designed for 2.3 to 3.6 V VCC Operation
4.5 ns Maximum tpd
5.0 V Tolerant − Interface Capability With 5.0 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
TSSOP−48
DT SUFFIX
CASE 1201
1
48
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
1
48
LCX16245G
AWLYYWW
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - MC74LCX16245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16245 MOTOROLA-MC74LCX16245 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
129Kb / 7P
   Low-Voltage CMOS 16-Bit Transceiver
October, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX16245DT MOTOROLA-MC74LCX16245DT Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245DTG ONSEMI-MC74LCX16245DTG Datasheet
129Kb / 7P
   Low-Voltage CMOS 16-Bit Transceiver
October, 2012 ??Rev. 9
MC74LCX16245 ONSEMI-MC74LCX16245_12 Datasheet
129Kb / 7P
   Low-Voltage CMOS 16-Bit Transceiver
October, 2012 ??Rev. 9
More results

Similar Description - MC74LCX16245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com