Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX245MEL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LCX245MEL
Description  Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX245MEL Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX245MEL Datasheet HTML 1Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 2Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 3Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 4Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 5Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 6Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 7Page - ON Semiconductor MC74LCX245MEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 6
1
Publication Order Number:
MC74LCX245/D
MC74LCX245
Low−Voltage CMOS Octal
Transceiver
With 5 V−Tolerant Inputs and Outputs
(3−State, Inverting)
The MC74LCX245 is a high performance, non−inverting octal
transceiver operating from a 2.3 to 3.6 V supply. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5 V allows MC74LCX245 inputs
to be safely driven from 5 V devices. The MC74LCX245 is suitable
for memory address driving and all TTL level bus oriented transceiver
applications.
Current drive capability is 24 mA at both A and B ports. The
Transmit/Receive (T/R) input determines the direction of data flow
through the bi−directional transceiver. Transmit (active−HIGH)
enables data from A ports to B ports; Receive (active−LOW) enables
data from B to A ports. The Output Enable input, when HIGH,
disables both A and B ports by placing them in a HIGH Z condition.
Features
Designed for 2.3 to 3.6 V V
CC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
I
OFF Specification Guarantees High Impedance When VCC = 0 V
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
20
1
1
20
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
SOIC−20
DW SUFFIX
CASE 751D
LCX245
AWLYYWW
LCX
245
ALYW
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
74LCX245
AWLYWW
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - MC74LCX245MEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX245M MOTOROLA-MC74LCX245M Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245MNTWG ONSEMI-MC74LCX245MNTWG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
More results

Similar Description - MC74LCX245MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX540 ONSEMI-MC74LCX540_05 Datasheet
88Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 5
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com