Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX245M Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LCX245M
Description  Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX245M Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCX245M Datasheet HTML 1Page - ON Semiconductor MC74LCX245M Datasheet HTML 2Page - ON Semiconductor MC74LCX245M Datasheet HTML 3Page - ON Semiconductor MC74LCX245M Datasheet HTML 4Page - ON Semiconductor MC74LCX245M Datasheet HTML 5Page - ON Semiconductor MC74LCX245M Datasheet HTML 6Page - ON Semiconductor MC74LCX245M Datasheet HTML 7Page - ON Semiconductor MC74LCX245M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LCX245
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +7.0
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State (Note 1)
V
IIK
DC Input Diode Current
−50
VI< GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
2.5, 3.3
2.5, 3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3−State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
− 24
− 12
− 8
mA
IOL
LOW Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
+ 24
+ 12
+ 8
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
0
10
ns/V
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX245DW
SOIC−20
38 Units / Rail
MC74LCX245DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74LCX245DWR2
SOIC−20
1000 Tape & Reel
MC74LCX245DR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
MC74LCX245DT
TSSOP−20*
75 Units / Rail
MC74LCX245DTR2
TSSOP−20*
2000 Tape & Reel
MC74LCX245M
SOEIAJ−20
40 Units / Rail
MC74LCX245MEL
SOEIAJ−20
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74LCX245M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX245M MOTOROLA-MC74LCX245M Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245MNTWG ONSEMI-MC74LCX245MNTWG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
More results

Similar Description - MC74LCX245M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX540 ONSEMI-MC74LCX540_05 Datasheet
88Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 5
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com