Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1202 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB1202
Description  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1202 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB1202 Datasheet HTML 1Page - Unisonic Technologies 2SB1202 Datasheet HTML 2Page - Unisonic Technologies 2SB1202 Datasheet HTML 3Page - Unisonic Technologies 2SB1202 Datasheet HTML 4Page - Unisonic Technologies 2SB1202 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1202
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R217-005.B
TEST CIRCUIT FOR NPN (PNP: the polarity is reversed; Unit: resistance: Ω, capacitance: F)


Similar Part No. - 2SB1202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1202 SANYO-2SB1202 Datasheet
128Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SB1202 UTC-2SB1202 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
logo
ON Semiconductor
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
logo
Inchange Semiconductor ...
2SB1202 ISC-2SB1202 Datasheet
330Kb / 3P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1202

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com