Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX244DT Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74LCX244DT
Description  Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244DT Datasheet(HTML) 8 Page - ON Semiconductor

  MC74LCX244DT Datasheet HTML 1Page - ON Semiconductor MC74LCX244DT Datasheet HTML 2Page - ON Semiconductor MC74LCX244DT Datasheet HTML 3Page - ON Semiconductor MC74LCX244DT Datasheet HTML 4Page - ON Semiconductor MC74LCX244DT Datasheet HTML 5Page - ON Semiconductor MC74LCX244DT Datasheet HTML 6Page - ON Semiconductor MC74LCX244DT Datasheet HTML 7Page - ON Semiconductor MC74LCX244DT Datasheet HTML 8Page - ON Semiconductor MC74LCX244DT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74LCX244
http://onsemi.com
8
TSSOP−20
CASE 948E−02
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
−−−
−−−
S
U
0.15 (0.006) T
7.06
16X
0.36
16X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74LCX244DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX244DT MOTOROLA-MC74LCX244DT Datasheet
152Kb / 8P
   Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
logo
ON Semiconductor
MC74LCX244DT ONSEMI-MC74LCX244DT Datasheet
152Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 3
MC74LCX244DTG ONSEMI-MC74LCX244DTG Datasheet
142Kb / 9P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 11
MC74LCX244DTG ONSEMI-MC74LCX244DTG Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
MC74LCX244DTG ONSEMI-MC74LCX244DTG Datasheet
112Kb / 10P
   Low-Voltage CMOS Octal Buffer
October, 2017 ??Rev. 20
More results

Similar Description - MC74LCX244DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com