Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX244DWR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LCX244DWR2G
Description  Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244DWR2G Datasheet(HTML) 7 Page - ON Semiconductor

  MC74LCX244DWR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX244DWR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74LCX244
http://onsemi.com
7
PACKAGE DIMENSIONS
SOIC−20
DW SUFFIX
CASE 751D−05
ISSUE G
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__


Similar Part No. - MC74LCX244DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX244DWR2G ONSEMI-MC74LCX244DWR2G Datasheet
142Kb / 9P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 11
MC74LCX244DWR2G ONSEMI-MC74LCX244DWR2G Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
MC74LCX244DWR2G ONSEMI-MC74LCX244DWR2G Datasheet
112Kb / 10P
   Low-Voltage CMOS Octal Buffer
October, 2017 ??Rev. 20
More results

Similar Description - MC74LCX244DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com