Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX257 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74LCX257
Description  Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX257 Datasheet(HTML) 8 Page - ON Semiconductor

  MC74LCX257_05 Datasheet HTML 1Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 2Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 3Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 4Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 5Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 6Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 7Page - ON Semiconductor MC74LCX257_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC74LCX257
http://onsemi.com
8
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC74LCX257/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MC74LCX257_05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX257D MOTOROLA-MC74LCX257D Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX257D ONSEMI-MC74LCX257D Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
MC74LCX257DR2G ONSEMI-MC74LCX257DR2G Datasheet
132Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Motorola, Inc
MC74LCX257DT MOTOROLA-MC74LCX257DT Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX257DT ONSEMI-MC74LCX257DT Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results

Similar Description - MC74LCX257_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX157 ONSEMI-MC74LCX157_05 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com