Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX240 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LCX240
Description  Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX240 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX240_06 Datasheet HTML 1Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 2Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 3Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 4Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 5Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 6Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74LCX240
http://onsemi.com
2
Figure 1. Pinout: 20−Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
2OE 1O0
2D0 1O1 2D1 1O2
2D2 1O3
2D3
1OE 1D0 2O0
1D1 2O1 1D2 2O2
1D3 2O3 GND
Figure 2. LOGIC DIAGRAM
1OE
1
1D0
2
1O0
18
1D1
4
1O1
16
1D2
6
1O2
14
1D3
8
1O3
12
2OE
19
2D0
17
2O0
3
2D1
15
2O1
5
2D2
13
2O2
7
2D3
11
2O3
9
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3−State Outputs
Pins
nOE
1Dn, 2Dn
1On, 2On
TRUTH TABLE
INPUTS
OUTPUTS
1OE
2OE
1Dn
2Dn
1On, 2On
L
L
H
L
H
L
H
X
Z
H
= High Voltage Level
L
= Low Voltage Level
Z
= High Impedance State
X
= High or Low Voltage Level and Transitions Are Acceptable; for ICC reasons, DO NOT FLOAT Inputs


Similar Part No. - MC74LCX240_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX240DT MOTOROLA-MC74LCX240DT Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240DTR2G ONSEMI-MC74LCX240DTR2G Datasheet
125Kb / 7P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 9
MC74LCX240DTR2G ONSEMI-MC74LCX240DTR2G Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LCX240DW MOTOROLA-MC74LCX240DW Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240DWR2G ONSEMI-MC74LCX240DWR2G Datasheet
125Kb / 7P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 9
More results

Similar Description - MC74LCX240_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX245 ONSEMI-MC74LCX245_05 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX540 ONSEMI-MC74LCX540_05 Datasheet
88Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 5
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com