Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7EC-VLM Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7EC-VLM
Description  Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-VLM Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7EC-VLM Datasheet HTML 1Page - Omron Electronics LLC H7EC-VLM Datasheet HTML 2Page - Omron Electronics LLC H7EC-VLM Datasheet HTML 3Page - Omron Electronics LLC H7EC-VLM Datasheet HTML 4Page - Omron Electronics LLC H7EC-VLM Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
H7EC
H7EC
3
Dimensions
Unit: mm (inch)
s SCREW TERMINAL COUNTERS
AC/DC Voltage Input Type
2.5
11
2.5
30
13
22 (0.87)
4
13
M3.5 screw terminal
4
2.5
11
11
2.5
5
18.5
30
2.5
4
Panel cutout
Panel cutout
Panel cutout
+0.02
-0
)
(0.87
22.2
+0.5
-0
Mounting
bracket
Mounting
bracket
M4 Mounting post
No-voltage and DC Input Types
M4 Mounting post
8 mm Mounting nut
8 mm Mounting nut
Mounting
bracket
8 mm Mounting nut
M4 Mounting post
78.9
(3.11)
43 (1.70)
s WIRE-WRAP TERMINAL COUNTERS
60
73 (2.87)
22 (0.87)
22.2
+0.5
-0
45
+0.02
-0
)
(0.87
22.2
+0.5
-0
+0.02
-0
)
(1.77
+0.5
-0
45
M4 Mounting
post
Wire-wrap terminal
(1 x 1 mm)
10 (0.39)
37 (1.46)
Mounting holes and footprint
Four 5-dia.
terminal hole
5-dia. mounting hole
56 (2.20)
48 (1.89)
48 (1.89)
44.8
(1.76)
48.9
(1.93)
24
(0.94)
48 (1.89)
+0.02
-0
)
+0.02
-0
)
(0.87
(1.77
+0.5
-0
+0.5
-0
45
(1.77
+0.02
-0
)
M3.5 screw
terminal
44.8
(1.76)
44.8
(1.76)
24
(0.94)
24
(0.94)
22
(0.87)
26


Similar Part No. - H7EC-VLM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Self-powered Total Counter
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Self-powered Total Counter
More results

Similar Description - H7EC-VLM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
   Subminiature Tachometer Requires No External Power Supply
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
   Low external component count
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com