Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX04DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX04DR2
Description  Low-Voltage CMOS Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX04DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX04DR2 Datasheet HTML 1Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 2Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 3Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 4Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 5Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 6Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 7Page - ON Semiconductor MC74LCX04DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LCX04
http://onsemi.com
4
AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W
Limits
TA = −40°C to +85°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay Time
1
1.5
5.2
1.5
6.0
1.5
6.2
ns
tPHL
Input to Output
1.5
5.2
1.5
6.0
1.5
6.2
tOSHL
Output−to−Output Skew
1.0
ns
tOSLH
(Note 3)
1.0
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.6
V
VOLV
Dynamic LOW Valley Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
−0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.6
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX04D
SOIC−14
55 Units / Rail
MC74LCX04DR2
SOIC−14
2500 Tape & Reel
MC74LCX04DR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
MC74LCX04DT
TSSOP−14*
96 Units / Rail
MC74LCX04DTR2
TSSOP−14*
2500 Tape & Reel
MC74LCX04MEL
SOEIAJ−14
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74LCX04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX04DR2G ONSEMI-MC74LCX04DR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
MC74LCX04DR2G ONSEMI-MC74LCX04DR2G Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results

Similar Description - MC74LCX04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC06A ONSEMI-74LVC06A_15 Datasheet
94Kb / 7P
   Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com