Electronic Components Datasheet Search |
|
MC74LCX02MEL Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC74LCX02MEL Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC74LCX02 http://onsemi.com 4 AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W Limits TA = −40°C to +85°C VCC = 3.3 V ± 0.3 V VCC = 2.7 V VCC = 2.5 V ± 0.2 V CL = 50 pF CL = 50 pF CL = 30 pF Symbol Parameter Waveform Min Max Min Max Min Max Unit tPLH Propagation Delay Time 1 1.5 5.5 1.5 6.2 1.5 6.6 ns tPHL Input−to−Output 1.5 5.5 1.5 6.2 1.5 6.6 tOSHL Output−to−Output Skew 1.0 ns tOSLH (Note 3) 1.0 3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter guaranteed by design. DYNAMIC SWITCHING CHARACTERISTICS TA = +25°C Symbol Characteristic Condition Min Typ Max Unit VOLP Dynamic LOW Peak Voltage VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V 0.8 V (Note 4) VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V 0.6 V VOLV Dynamic LOW Valley Voltage VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V −0.8 V (Note 4) VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V −0.6 V 4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is measured in the LOW state. CAPACITIVE CHARACTERISTICS Symbol Parameter Condition Typical Unit CIN Input Capacitance VCC = 3.3 V, VI = 0 V or VCC 7 pF COUT Output Capacitance VCC = 3.3 V, VI = 0 V or VCC 8 pF CPD Power Dissipation Capacitance 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 25 pF ORDERING INFORMATION Device Package Shipping† MC74LCX02D SOIC−14 55 Units / Rail MC74LCX02DR2 SOIC−14 2500 Tape & Reel MC74LCX02DR2G SOIC−14 (Pb−Free) 2500 Tape & Reel MC74LCX02DT TSSOP−14* 96 Units / Rail MC74LCX02DTR2 TSSOP−14* 2500 Tape & Reel MC74LCX02MEL SOEIAJ−14 2000 Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
Similar Part No. - MC74LCX02MEL |
|
Similar Description - MC74LCX02MEL |