Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCU04ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCU04ADR2G
Description  Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCU04ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCU04ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCU04ADR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HCU04A
http://onsemi.com
5
Figure 4. Crystal Oscillator
Figure 5. Stable RC Oscillator
Figure 6. Schmitt Trigger
Figure 7. High Input Impedance Single−Stage
Amplifier with a 2 to 6 V Supply Range
Figure 8. Multi−Stage Amplifier
Figure 9. LED Driver
For reduced power supply current, use high−efficiency LEDs
such as the Hewlett−Packard HLMP series or equivalent.
R2
1/6 HCU04A
C1
R2 > > R1
C1 < C2
Vout
C2
R1
R2
R1
C
1/6 HCU04A
1/6 HCU04A
1/6 HCU04A
Vout
R2
R1
Vin
Vout
1/6 HCU04A 1/6 HCU04A
R2 > 6R1
VCC
INPUT
OUTPUT
1 M
1 M
1/6 HCU04A
VCC
INPUT
OUTPUT
1/6 HCU04A 1/6 HCU04A 1/6 HCU04A
+V
1/6 HCU04A
TYPICAL APPLICATIONS


Similar Part No. - MC74HCU04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCU04ADR2G ONSEMI-MC74HCU04ADR2G Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
More results

Similar Description - MC74HCU04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com