Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT574A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT574A
Description  Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT574A_05 Datasheet HTML 1Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 2Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 3Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 4Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 5Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 6Page - ON Semiconductor MC74HCT574A_05 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HCT574A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
– 55 to
25
_C
v 85_C
v 125_C
fMAX
Maximum Clock Frequency (50% Duty Cycle) (Figures 3 and 6)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 3 and 6)
30
38
45
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 4 and 7)
28
35
42
ns
tPZH,
tPZL
Maximum Propagation Delay Time, Output Enable to Q
(Figures 4 and 7)
28
35
42
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 3, 4 and 6)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Flip−Flop)*
Typical @ 25
°C, VCC = 5.0 V
pF
58
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
Guaranteed Limit
Unit
– 55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
5
10
13
15
ns
th
Minimum Hold Time, Clock to Data
5
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
3
15
19
22
ns
tr, If
Maximum Input Rise and Fall Times
3
500
500
500
ns
EXPANDED LOGIC DIAGRAM
CLOCK
ENABLE
OUTPUT
11
1
D0
2
C
19
D
Q
Q0
D1
3
C
18
D
Q
Q1
D2
4
C
17
D
Q
Q2
D3
5
C
16
D
Q
Q3
D4
6
C
15
D
Q
Q4
D5
7
C
14
D
Q
Q5
D6
8
C
13
D
Q
Q6
D7
9
C
12
D
Q
Q7


Similar Part No. - MC74HCT574A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574ADTR2G ONSEMI-MC74HCT574ADTR2G Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT574ADTR2G ONSEMI-MC74HCT574ADTR2G Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT574ADW ONSEMI-MC74HCT574ADW Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
More results

Similar Description - MC74HCT574A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com