Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4040ANG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74HC4040ANG
Description  12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4040ANG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74HC4040ANG Datasheet HTML 2Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 3Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 4Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 5Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 6Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 7Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 8Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 9Page - ON Semiconductor MC74HC4040ANG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74HC4040A
http://onsemi.com
7
Clock
Reset
Q1
1
2
4
8
16
32
64
128
256
512
1024
2048
4096
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q10
Q11
Figure 8. Timing Diagram
Q9
Q12
APPLICATIONS INFORMATION
Time−Base Generator
A 60Hz sinewave obtained through a 100 K resistor
connected to a 120 Vac power line through a step down
transformer is applied to the input of the MC54/74HC14A,
Schmitt-trigger inverter. The HC14A squares−up the input
waveform and feeds the HC4040A. Selecting outputs Q5,
Q10, Q11, and Q12 causes a reset every 3600 clocks. The
HC20 decodes the counter outputs, produces a single
(narrow) output pulse, and resets the binary counter. The
resulting output frequency is 1.0 pulse/minute.
HC4040A
Figure 9. Time−Base Generator
Clock
Q5
Q10
Q11
Q12
VCC
13
12
10
9
1
2
4
5
8
1/2
HC20
1/2
HC20
6
1.0 Pulse/Minute
Output
≥20pF
1.0M
120Vac
60Hz
NOTE:
Ground MUST be isolated
by a transformer or
opto−isolator for safety
reasons.


Similar Part No. - MC74HC4040ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040AN ONSEMI-MC74HC4040AN Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
More results

Similar Description - MC74HC4040ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_05 Datasheet
114Kb / 10P
   14?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 4
MC74HC393A ONSEMI-MC74HC393A_06 Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC390A ONSEMI-MC74HC390A_05 Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com