Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUK856-800A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BUK856-800A
Description  Insulated Gate Bipolar Transistor IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 5 page
background image
Philips Semiconductors
Product Specification
Insulated Gate Bipolar Transistor (IGBT)
BUK856-800A
Fig.13. Typical Switching Times vs. R
G
conditions: I
C = 12 A; VCL = 500 V; Tj = 125 ˚C
Fig.14. Typical Switching Times vs. I
C
conditions: V
CL = 500 V; RG = 25 Ω; Tj = 125˚C
Fig.15. Test circuit for inductive load switching times.
Fig.16. Typical Energy loss at turn-off vs. R
G
conditions: I
C = 12 A; VCL = 500 V; Tj = 125 ˚C
Fig.17. Typical Energy loss at turn-off vs. I
C
conditions: V
CL = 500 V; RG = 25 Ω; Tj = 125˚C;
parameter V
CL
Fig.18. Inductive Load Switching Times definitions.
1
100
Rg / Ohm
t / ns
BUK8Y6-800A
10000
1000
100
10
10
1000
td(off)
tf
1
100
E(off) / mJ
BUK8Y6-800A
4
3
2
1
0
Rg / Ohm
10
1000
0
20
40
IC / A
E(off) / mJ
BUK8Y6-800A
4
3
2
1
0
400
300
VCL / V = 500
10
30
0
20
IC / A
t / ns
BUK8Y6-800A
500
400
300
200
100
0
td(off)
tf
10
30
: adjust for correct Ic
VCC = VCL
Lc
D.U.T.
R
0V
t p
0R1
G
VGE
IC measure
tr
td(on)
tc
tf
td(off)
I
V
t
t
IC
VGE
VCE
10%
90%
90%
10%
March 1993
5
Rev 1.000




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUK866-400IZInsulated Gate Bipolar Transistor Protected Logic-Level IGBT 1 2 3 4 5 MoreNXP Semiconductors
GT15J121Insulated Gate Bipolar Transistor Silicon N Chanenel IGBT 1 2 Toshiba Semiconductor
GT50J121TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT 1 2 3 4 5 MoreToshiba Semiconductor
BUK866-400IZInsulated Gate Bipolar Transistor Protected Logic-Level IGBT 1 2 3 4 5 MoreNXP Semiconductors
GT30J121TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT 1 2 3 4 5 MoreToshiba Semiconductor
GT30J324Insulated Gate Bipolar Transistor Silicon N Channel IGBT 1 2 3 4 5 MoreToshiba Semiconductor
GT40T301Insulated Gate Bipolar Transistor Silicon N Channel IGBT 1 2 3 4 5 MoreToshiba Semiconductor
1MBH60D-090AIGBT INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 Fuji Electric
GT10J321TOSHIBA Insulated Gate Bipolar Transistor Silicon N Chanenel IGBT 1 2 3 4 5 MoreToshiba Semiconductor
GT20J101TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl