Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC273ADTR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC273ADTR2
Description  Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC273ADTR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC273ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 9Page - ON Semiconductor MC74HC273ADTR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74HC273A
http://onsemi.com
6
SWITCHING WAVEFORMS
Figure 1.
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
50%
DATA
CLOCK
VCC
Figure 2.
VALID
GND
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
tw
1/fmax
VCC
GND
tsu
th
50%
RESET
Q
CLOCK
tw
50%
50%
50%
VCC
GND
VCC
GND
tPHL
Figure 4. Test Circuit
trec
Figure 5. Expanded Logic Diagram
C
D R
Q
D0 3
2
Q0
C
D R
Q
D1 4
5
Q1
C
D R
Q
D2 7
6
Q2
C
D R
Q
D3 8
9
Q3
C
D R
Q
D4 13
12 Q4
C
D R
Q
D5 14
15 Q5
C
D R
Q
D6 17
16 Q6
C
D R
Q
D7
18
19
Q7
11
1
DATA
INPUTS
NONINVERTING
OUTPUTS


Similar Part No. - MC74HC273ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC273ADTR2 ONSEMI-MC74HC273ADTR2 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
MC74HC273ADTR2G ONSEMI-MC74HC273ADTR2G Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
MC74HC273ADTR2G ONSEMI-MC74HC273ADTR2G Datasheet
96Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results

Similar Description - MC74HC273ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC377A ONSEMI-MC74HC377A Datasheet
161Kb / 9P
   Octal D Flip-Flop with Common Clock and Enable High?뭁erformance Silicon?묰ate CMOS
February, 2010 ??Rev. 1
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com