Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC244AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC244AN
Description  Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC244AN Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC244AN Datasheet HTML 1Page - ON Semiconductor MC74HC244AN Datasheet HTML 2Page - ON Semiconductor MC74HC244AN Datasheet HTML 3Page - ON Semiconductor MC74HC244AN Datasheet HTML 4Page - ON Semiconductor MC74HC244AN Datasheet HTML 5Page - ON Semiconductor MC74HC244AN Datasheet HTML 6Page - ON Semiconductor MC74HC244AN Datasheet HTML 7Page - ON Semiconductor MC74HC244AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC244A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
IOZ
Maximum Three−State Leakage
Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
mA
ICC
Maximum Quiescent Supply Cur-
rent (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
NOTE: Information on typical parametric values and high frequency or heavy load considerations can be found in Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
v85_C
v125_C
tPLH,
tPHL
Maximum Propagation Delay, A to YA or B to YB
(Figures 1 and 3)
2.0
3.0
4.5
6.0
96
50
18
15
115
60
23
20
135
70
27
23
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
60
22
19
140
70
28
24
165
80
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
60
22
19
140
70
28
24
165
80
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance
(Output in High−Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25
°C, VCC = 5.0 V
pF
34
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
VCC
GND
tf
tr
DATA INPUT
A OR B
OUTPUT
YA OR YB
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
ENABLE
A OR B
OUTPUT Y
OUTPUT Y
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE


Similar Part No. - MC74HC244AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244AN ONSEMI-MC74HC244AN Datasheet
179Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
MC74HC244ANG ONSEMI-MC74HC244ANG Datasheet
143Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
More results

Similar Description - MC74HC244AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT241 KODENSHI-KK74ACT241 Datasheet
294Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com