Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC164AFEL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC164AFEL
Description  8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC164AFEL Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC164AFEL Datasheet HTML 1Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 2Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 3Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 4Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 5Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 6Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 7Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 8Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC74HC164A
http://onsemi.com
5
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55_C to
25_C
v 85_C
v 125_C
tsu
Minimum Setup Time, A1 or A2 to Clock
(Figure 3)
2.0
3.0
4.5
6.0
25
15
7
5
35
20
8
6
40
25
9
6
ns
th
Minimum Hold Time, Clock to A1 or A2
(Figure 3)
2.0
3.0
4.5
6.0
3
3
3
3
3
3
3
3
3
3
3
3
ns
trec
Minimum Recovery Time, Reset Inactive to Clock
(Figure 2)
2.0
3.0
4.5
6.0
3
3
3
3
3
3
3
3
3
3
3
3
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
3.0
4.5
6.0
50
26
12
10
60
35
15
12
75
45
20
15
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
3.0
4.5
6.0
50
26
12
10
60
35
15
12
75
45
20
15
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).


Similar Part No. - MC74HC164AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
MC74HC164AD ONSEMI-MC74HC164AD Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164AD ARTSCHIP-MC74HC164AD Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ON Semiconductor
MC74HC164ADG ONSEMI-MC74HC164ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results

Similar Description - MC74HC164AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
74HC595DG ONSEMI-74HC595DG Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
   8?묪it Shift Register
June, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Motorola, Inc
SN54LS165 MOTOROLA-SN54LS165 Datasheet
207Kb / 6P
   8-BIT PARALLEL-TO-SERIAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com