Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK856-800A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK856-800A
Description  Insulated Gate Bipolar Transistor IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK856-800A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK856-800A Datasheet HTML 1Page - NXP Semiconductors BUK856-800A Datasheet HTML 2Page - NXP Semiconductors BUK856-800A Datasheet HTML 3Page - NXP Semiconductors BUK856-800A Datasheet HTML 4Page - NXP Semiconductors BUK856-800A Datasheet HTML 5Page - NXP Semiconductors BUK856-800A Datasheet HTML 6Page - NXP Semiconductors BUK856-800A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product Specification
Insulated Gate Bipolar Transistor (IGBT)
BUK856-800A
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)CES
Collector-emitter breakdown
V
GE = 0 V; IC = 0.25 mA
800
-
-
V
voltage
V
GE(TO)
Gate threshold voltage
V
CE = VGE; IC = 1 mA
3
4
5.5
V
I
CES
Zero gate voltage collector
V
CE = 800 V; VGE = 0 V; Tj = 25 ˚C
-
10
200
µA
current
I
CES
Zero gate voltage collector
V
CE = 800 V; VGE = 0 V; Tj =125 ˚C
-
0.2
1
mA
current
I
ECS
Reverse collector current
V
CE = -5 V; VGE = 0 V
-
0.1
5
mA
I
GES
Gate emitter leakage current
V
GE = ±30 V; VCE = 0 V
-
10
100
nA
V
CEsat
Collector-emitter saturation
V
GE = 15 V; IC = 12 A
-
2.4
3.5
V
voltage
V
GE = 15 V; IC = 24 A
-
3.1
-
V
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fe
Forward transconductance
V
CE = 15 V; IC = 6 A
3
7
-
S
C
ies
Input capacitance
V
GE = 0 V; VCE = 25 V; f = 1 MHz
-
900
1250
pF
C
oes
Output capacitance
-
85
120
pF
C
res
Feedback capacitance
-
30
50
pF
t
d on
Turn-on delay time
I
C = 12 A; VCC = 500 V;
-
25
-
ns
t
r
Turn-on rise time
V
GE = 15 V; RG = 25Ω;
-
45
-
ns
E
on
Turn-on Energy Loss
T
j = 25˚C;
-
0.6
-
mJ
t
d off
Turn-off delay time
Inductive Load
-
230
350
ns
t
f
Turn-off fall time
Energy Losses include all ’tail’
-
200
400
ns
E
off
Turn-off Energy Loss
losses
-
0.5
1
mJ
t
d on
Turn-on delay time
I
C = 12 A; VCC = 500 V;
-
25
-
ns
t
r
Turn-on rise time
V
GE = 15 V; RG = 25Ω;
-
45
-
ns
E
on
Turn-on Energy Loss
T
j = 125˚C;
-
0.6
-
mJ
t
d off
Turn-off delay time
Inductive Load
-
300
450
ns
t
f
Turn-off fall time
Energy Losses include all ’tail’
-
400
800
ns
E
off
Turn-off Energy Loss
losses
-
1
2
mJ
March 1993
2
Rev 1.000


Similar Part No. - BUK856-800A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
More results

Similar Description - BUK856-800A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com